|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ultra High Performance BGA Cooling Solutions w/ maxiGRIPTM Attachment ATS PART # ATS-50450B-C2-R0 Features & Benefits maxiFLOWTM design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling maxiGRIPTM attachment applies steady, even pressure to the component and does not require holes in the PCB Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock and Unpackaged Drop Testing standards Comes preassembled with high performance thermal interface material Designed for standard height components from 3 to 4.5mm C D B A thermal Performance AIR VELOCITy *Image above is for illustration purposes only. THERMAL RESISTANCE FT/MIN 200 300 400 500 600 700 800 M/S 1.0 1.5 2.0 2.5 3.0 3.5 4.0 C/W (UNDUCTED FLOW) 4 2.9 2.4 2.1 1.9 1.8 1.6 C/W (DUCTED FLOW) 2.6 Product Details DIMENSION A 45 mm Notes: 1) 2) 3) 4) 5) DIMENSION B 45 mm DIMENSION C 7.5 mm DIMENSION D 61.5 mm INTERFACE MATERIAL SAINT-GOBAIN C675 FINISH BLUE-ANODIZED Dimension C = heat sink height from bottom of the base to the top of the fin field. Thermal performance data are provided for reference only. Actual performance may vary by application. ATS reserves the right to update or change its products without notice to improve the design or performance. Optional maxiGRIPTM Installation/Removal Tool Set P/N: MGT450 Contact ATS to learn about custom options available. For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (North America); +31 (0) 3569 84715 (Europe). REV1_0908 |
Price & Availability of ATS-50450B-C2-R0 |